Part Number Hot Search : 
CS3524A 15161351 F4226 5KP200A ISL59 40N03 BS170D C20VI
Product Description
Full Text Search
 

To Download HIR-A07L183-P01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet High Power Infrared LED
Features
Small package with high efficiency Peak wavelength p=850nm Soldering methods: SMT Thermal resistance (junction to lead): 35/W. Pb free The product itself will remain within RoHS compliant version.
HIR-A07/L183-P01
Descriptions
HIR-A07/L183-P01 series is an infrared emitting diode in miniature SMD package which is molded in a water clear plastic with flat top view lens. The device is spectrally matched with silicon photodiode, Phototransistor.
Applications
CCD Camera Night Vision Infrared applied system
Materials Items Housing Encapsulating Resin Electrodes Die attach Chip Description Heat resistant polymer Clear silicone resin Ag plating copper alloy Silver paste AlGaAs
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 1 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Package Dimensions
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.25mm
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 2 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Absolute Maximum Ratings (Ta=25)
Parameter Forward Current Reverse Voltage Operating Temperature Storage Temperature Junction temperature Power Dissipation @IF=700mA Symbol IF VR Topr Tstg Tj Pd Rating 700 5 -40 ~ +85 -40 ~ +85 125 1 Units mA V C W
Note: We suggest that customer should add the heat sink with HIR-A07/L183-P01 to exclude the heat. Electro-Optical Characteristics (Ta=25)
Parameter Total Radiated Power Radiant Intensity Peak Wavelength Spectral Bandwidth Forward Voltage Reverse Current Optical Rise Time Optical Fall Time View Angle Thermal resistance, junction to heat-sink Note. Symbol Po IE p VF IR Tr Tf 21/2 Rth j-L Condition IF=350mA IF=700mA IF=350mA IF=700mA IF=20mA IF=20mA IF=350mA IF=700mA VR=5V IF=20mA IF=20mA IF=20mA IF=700mA Min. 60 120 10 30 --1.0 1.2 -----Typ. 110 220 35 70 850 50 1.6 1.9 -11 7 125 35 Max. ------2.5 3.0 10 ----Units mW mW/sr nm nm V A ns ns deg /W
1. Radiometric measurement tolerance : 10% 2 .21/2 is the off axis angle from lamp centerline where the radiant intensity peak value. 3. Forward Voltage measurement tolerance : 0.1V
http:\\www.everlight.com Prepared date03-29-2007 Rev 1
is 1/2 of the
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
Page: 3 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs. Ambient Temperature
900 800 700 600 500 400 300 200 100 0 20 40 60 80 100 120
Rthj-L=35/W
Fig.2 Spectral Distribution
100 80 60 40 20 0
IF=20mA Ta=25 C
790 810 830 850 870 890 910 930 950
Fig.3 Peak Emission Wavelength Ambient Temperature
Fig.4 Forward Current vs. Forward Voltage
3.0 2.8
900 875
2.6 2.4 2.2
850 825 800 -25
2.0 1.8 1.6 1.4 1.2 1.0
0
25
50
75
100
0
100
300
500
700
900
1000
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 4 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Radiant Intensity vs. Angular Displacement
0
1.0 0.9 0.8
10
20 30 40 50 60 70 80
R e la tiv e I n t e n s it y ( % )
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -90
-80
-70
-60
-50
-40
-30
-20
-10
0
90
Angle (degree)
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 5 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Precautions For Use
1.Over-current-proof
Though HIR-A07/L183-P01 has conducted ESD protection mechanism, customer must not use the device in reverse and should apply resistors for extra protection. Otherwise slight voltage shift may cause enormous current change and burn out failure would happen.
2.Thermal Management i. Because HIR-A07/L183-P01 is a high power dissipation device, special and sufficient consideration in thermal management design must be made to optimize the thermal performance. ii. Heat sink design is implemented in the device for an additional thermal connection. Since the device is capable of SMT process, tin must be spread both heat sink and solder pads areas to dissipate the heat. iii. A high thermal conductivity substrate, such as Aluminum or Copper plate etc, must be applied for external thermal management. It is strongly recommended that the outer heat sink or PCB dimension per LED can not be less than 25 x 25 x 1 (L x W x H) mm. The materials for outer heat sink can be FR4 on Aluminum, MCPCB, or FPC on Aluminum. iv. Sspecial thermal designs are also recommended to take in outer heat sink design, such as FR4 PCB on Aluminum with thermal vias or FPC on Aluminum with thermal conductive adhesive, etc. v. Sufficient thermal management must be conducted, or the die junction temperature will be over the limit under large electronic driving and LED lifetime will decrease critically. 3.Soldering Condition 1.Lead reflow soldering temperature profile
2.Reflow soldering should not be done more than two times. 3.While soldering, do not put stress on the LEDs during heating. 4.After soldering, do not warp the circuit boa
Everlight Electronics Co., Ltd. Device NoDTH-A07-278 http:\\www.everlight.com Prepared date03-29-2007 Rev 1 Page: 6 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
4.Soldering Iron 1.For prototype builds or small series production runs it is possible to place and solder the LED by hand.
2.Dispensing thermal conductive glue or grease on the substrates and follow its curing spec. Press LED housing to closely connect LED and substrate.
3.It is recommended to hand solder the leads with a solder tip temperature of 280C for less than 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. 4.Be careful because the damage of the product is often started at the time of the hand solder. 5.Handling Indications
During processing, mechanical stress on the surface should be minimized as much as possible. Sharp objects of all types should not be used to pierce the sealing compound.
6.Repairing Repair should not be done after the LEDs have been soldered. If unfortunately, repair is unavoidable. In addition to double-head soldering iron, hot plane must be used under external heat sink plate to liquefy tin between device heat sink and outer heat sink, shown as figure below. It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
Hot plane with temperature controller
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 7 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Tube Packing Specifications
1.Reel Dimensions
Note: 1. Dimensions are in millimeters 2. The tolerances unless mentioned is 0.1mm
2.Carrier Tape Dimensions: Loaded quantity 800 PCS per reel.
Note: 1. Dimensions are in millimeters 2. The tolerances unless mentioned is 0.1mm
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 8 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Sample Cycles Sizes 22pcs 22pcs IRUx2 IeLx0.8 VFUx1.2 UUpper Specification Limit LLower Specification Limit Failure Judgement Criteria Ac/Re
1 REFLOW Soldering TEMP.2605 6Mins 10secs 15mins 300Cycles 2 Temperature Cycle H : +100 5mins L : -40 15mins 3 Thermal Shock H :+100 L :-10 4 High Temperature Storage 5 Low Temperature Storage 5mins 300Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs
0/1 0/1
22pcs
0/1
TEMP.+100 TEMP.-40
22pcs 22pcs 22pcs 22pcs
0/1 0/1 0/1 0/1
6 DC Operating Life IF=700mA 7 High Temperature/ 85 / 85% R.H High Humidity
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 9 of 10
Prepared byJAINE TSAI
HIR-A07/L183-P01
Moisture Resistant Packaging
Label
Aluminum moistue-proof bag
Desiccant
Label
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
RoHS
HIR-A07/L183-P01
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDTH-A07-278
http:\\www.everlight.com Prepared date03-29-2007
Rev 1
Page: 10 of 10
Prepared byJAINE TSAI


▲Up To Search▲   

 
Price & Availability of HIR-A07L183-P01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X